PART |
Description |
Maker |
STGB7NB60KD STGD7NB60K STGP7NB60K STGP7NB60KDFP ST |
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH?/a> IGBT N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH⑩ IGBT (STGD7NB60K / STGP7NB60K / STGB7NB60KD) N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESHIGBT N沟道A - 600V IGBT的TO-220/FP/DPAK/D2PAK PowerMESH
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STGD6NC60HD07 STGD10NC60KDT4 STGD10NC60KD STGD6NC6 |
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STD1HNC60-1 STD1HNC60 |
N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh?II MOSFET N-CHANNEL 600V 4 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh⑩II MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD2HNK60Z STD2HNK60Z-1 STQ2HNK60ZR-AP STF2HNK60Z |
0.5 A, 600 V, 4.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 TO-92, 3 PIN N-channel 600V - 4.4楼? - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH垄芒 Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH?/a> Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH Power MOSFET N-channel 600V - 4.4ヘ - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH⑩ Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STGD7NB60S STGD7NB60ST4 |
N-CHANNEL 7A - 600V DPAK POWERMESH IGBT N-CHANNEL 7A - 600V DPAK Power MESH IGBT N-CHANNEL 7A - 600V DPAK Power MESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGP7NB60F STGD7NB60FT4 STGD7NB60F |
14 A, 600 V, N-CHANNEL IGBT, TO-220AB Transient Surge Protection Thyristor; Thyristor Type:Sidac; Package/Case:MS-013; Reel Quantity:1500; Repetitive Reverse Voltage Max, Vrrm:58V; Capacitance:70pF; Forward Voltage:5V; Holding Current:120mA; Leakage Current:5uA RoHS Compliant: NA N-CHANNEL 7A 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD3NM60 STP4NM60 STD3NM60-1 8370 |
N-CHANNEL 600V - 1.3 OHM - 3A TO-220/DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh⑩Power MOSFET N-CHANNEL 600V - 1.3 OHM - 3A TO-220/DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
GB3NB60KD GD3NB60K GP3NB60K GP3NB60KD GP3NB60KDFP |
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 600V 3A TO-220/TO-220FP/DPAK/D2PAK POWERMESH IGBT
|
ST Microelectronics
|
STGD3NB60SD_04 GD3NB60SD STGD3NB60SD STGD3NB60SDT4 |
N-CHANNEL 3A - 600V - DPAK PowerMESH" IGBT N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD1LNC60 |
N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET
|
SGS Thomson Microelectronics
|
STN1HNK60 STQ1HNK60R-AP 1HNK60 1HNK60R STD1NK60 ST |
N-CHANNEL 600V - 8 OHM - 1A DPAK/IPAK/TO-92/SOT-223 SUPERMESH MOSFET N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|