PART |
Description |
Maker |
GENE-8315 TF-GENE-8315-A10-01 TF-GENE-8315-A10-02 |
Onboard Intel? ULV Celeron? M 600 MHz/ 1.0 GHz or Intel? Celeron? M 1.3 GHz (Optional)/ 1.5 GHz Processors
|
AAEON Technology
|
GENE-8310 TF-GENE-8310-A12 TF-GENE-8310-A12-01 TF- |
Onboard Intel? ULV Celeron? M 1.5 GHz/ 1.3 GHz Or Intel? Celeron? M 600 MHz & 1 GHz Processors
|
AAEON Technology
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
ADG936 ADG936-R |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65V to 2.75V Dual SPDT
|
Analog Devices
|
PE-W22B002 |
WR-22 Instrumentation Grade Waveguide H-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
|
Pasternack Enterprises,...
|
PE71S2017 |
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
AGR21180EF |
180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|
PE-W51TF005-36 |
WR-51 Flexible Waveguide Twist With a Square Cover Flange Operating From 15 GHz to 22 GHz
|
Pasternack Enterprises,...
|
PE-W90TF006-12 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
RMPA2550 |
2.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD [Fairchild Semiconductor]
|
HMMC-3002 |
DC-16 GHz GaAs HBT MMIC Divide-by-2 Prescaler(DC-16 GHz 砷化镓HBT单片微波集成电路定标
|
Agilent(Hewlett-Packard)
|