PART |
Description |
Maker |
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJE15032 MJE15033 ON2013 |
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
BD778 BD776 BD777 |
Plastic Darlington Complementary Silicon Power Transistors DARLINGTON 4-AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 45/ 60/ 80 VOLTS 15 WATTS
|
Motorola Inc MOTOROLA[Motorola, Inc] ON Semiconductor
|
2N5883G 2N5884 2N5884G 2N5885G 2N5886G 2N5883 2N58 |
Complementary Silicon High−Power Transistors 25 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-204AA Complementary Silicon High−Power Transistors
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
2N6488 2N6487 2N6490 5237 |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MJ4032 MJ4035 4161 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|