PART |
Description |
Maker |
MC10SX1190 MC10SX1190-D MC10SX1190DT MC10SX1190DTR |
Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit From old datasheet system
|
ON Semiconductor
|
SY10EL89 SY10EL89ZC SY10EL89ZCTR |
COAXIAL CABLE DRIVER
|
MICREL[Micrel Semiconductor]
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
FS6051 FS6050 FS6053 FS6054 11257-813 11257-816 11 |
LOW-SKEW CLOCK FANOUT BUFFER ICs 低偏移时钟扇出缓冲器集成电路 Coaxial Cable; Coaxial RG/U Type:178B; Impedance:50ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:FEP; Cable/Wire MIL SPEC:M17/169-00001; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
MAX9320B MAX9320BESA MAX9320BEUA MAX9320BESA-T |
LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 1:2 Differential PECL/ECL/LVPECL/LVECL Clock and Data Driver 1:2差分PECL/ECL/LVPECL/LVECL时钟和数据驱动器
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BYW32 BYW36 BYW35 BYW33 BYW34 |
Fast Silicon Mesa Rectifiers From old datasheet system Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size:Solid Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80%
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Telefunken
|
L72CB-1YTA-L L72CB-1GDA L72CB-1GDA-2L L72CB-1GDA-L |
RIGHT ANGLE LED LAMPS 直角LED节能 RES NET ISOLATED 2.7K OHM 6-SIP Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Black RoHS Compliant: Yes
|
http:// Kingbright, Corp. MICRO-ELECTRONICS[Micro Electronics]
|