PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
AZH16VS AZ100EL16VSD AZ100EL16VSL |
ECL/PECL Differential Receiver with Variable Output Swing ECL / PECL的差分接收器输出变秋
|
Arizona Microtek, Inc.
|
MC10EL57 |
5VECL 4:1 Differential Multiplexer(5VECL 4:1差分多路复用
|
ON Semiconductor
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
ICS853006AGT ICS853006 ICS853006AG |
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER DIFFERENTIAL-TO-2.5V/3.3V的LVPECL / ECL扇出缓冲
|
ICST[Integrated Circuit Systems] Integrated Circuit Solution Inc
|
ADATE302-02 |
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs,and Per Pin PMU
|
Analog Devices
|
MC10EP57DTR2G MC100EP57 MC100EP57DT MC100EP57DTR2 |
3.3V / 5V ECL 4:1 Differential Multiplexer
|
ONSEMI[ON Semiconductor]
|
MC10EP57-D |
3.3V / 5V ECL 4:1 Differential Multiplexer
|
ON Semiconductor
|
P6SMBJ18 P6SMBJ18A P6SMBJ18C P6SMBJ18CA P6SMBJ22 P |
BBG ECL COUNTER 8BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3/5V ECL Differential Phase-Frequency Detector; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Tape and Reel; Qty per Container: 3000 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 50.0 A; IC(max) @ 100°: 25.0 A 3.3V / 5V ECL Divide by 4 Divider; Package: DFN8 2.0x2.0x0.9mm, 0.5p; No of Pins: 8; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL ÷2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL Quint 2-Input AND/NAND Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL ÷2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 600W表面贴装瞬态电压抑制器 5V ECL Divide by 2, Divide by 4, Divide by 8 Clock Generation Chip; Package: SOIC 16 LEAD; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2500 600W表面贴装瞬态电压抑制器 BBG ECL FLIP FLOP 4BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 2.5V / 3.3V ECL Differential Receiver/Driver; Package: DFN8 2.0x2.0x0.9mm, 0.5p; No of Pins: 8; Container: Tape and Reel; Qty per Container: 1000 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
|
http:// WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|