PART |
Description |
Maker |
R1800 R2000 R1200 R1500 R12.0 R18.0 R150. |
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts 0.5 A, 1800 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
R4000 |
HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
|
DC Components Co., Ltd.
|
CR250-3 |
HIGH VOLTAGE SILICON RECTIFER 2000 THRU 4000 VOLTS 200mA
|
Central Semiconductor C...
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
R2000F R1200F R1500F |
500Milliamp High voltage fast recovery silicon rectifier 1200 to 2000 volts
|
Shanghai Lunsure Electr...
|
CZ5333B |
5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD
|
Central Semiconductor, Corp.
|
R2500F R3000F |
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
|
Micro Commercial Components
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
SHM100UF |
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER 0.1 A, SILICON, SIGNAL DIODE
|
Solid State Devices, Inc.
|
SMBJ26A SMBJ7.5 SMBJ28 SMBJ8.5 SMBJ24C SMBJ22C SMB |
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-SO -55 to 125 High Speed CMOS Logic Octal Inverting Transparent Latch with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-CDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counter 16-CDIP -55 to 125 CMOS Dual Binary Up-Counter 16-CDIP -55 to 125 Replaced by VFC320 : Synchronized Voltage-To-Frequency Converter 16-CDIP 12-bit, 25 MSPS 1-Channel AFE for CCD Sensors with Fixed TG 96-BGA MICROSTAR JUNIOR Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA CMOS Presettable BCD Up/Down Counter 16-TSSOP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Octal D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125
|
Micro Commercial Compon... http:// Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
|