PART |
Description |
Maker |
MB89475 E712552 MB89PV470 MB89P475 MB89475PFM MB89 |
Micro controller 8-Bit Proprietary F2MC-8L Family UART Product From old datasheet system 8-bit Proprietary Microcontroller
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB89193P-SH MB89191AP-SH MB89191APF MB89191AHP MB8 |
8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PDIP28 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, PQFP48 Patch Panel JT 79C 79#22D SKT RECP 2.0A, 2.7 to 5.5V Single High-Side MOSFET Switch IC, No Fault Reporting, Active-Low Enable 8-SOIC
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
MB9038508 MB90387PMT MB90F387PMT MB90F387SPMT MB90 |
16-bit Proprietary Microcontrollers CMOS 16-bit Proprietary Microcontroller CMOS 16-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP48
|
Fujitsu Component Limited. Fujitsu, Ltd.
|
MB90884PF MB90884SPMC MB90F884A |
16-Bit Proprietary Microcontroller 16-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP100 16-Bit Proprietary Microcontroller 16位微控制器专
|
Fujitsu, Ltd.
|
5102ALP-RP-F-H 5102ALP-RP-F-E 5102ALP-RP-F-I 5102A |
16-Bit, 20 KHz A/D Converter 2-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, DFP44 16-Bit, 20 KHz A/D Converter 16位,20千赫的A / D转换 SHIELDED 24AWG UL2464 4 COND 2-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, DFP44
|
Maxwell Technologies, Inc Linear Technology, Corp.
|
MB89PV620CF MB89PV620C-SH MB89603PFV MB89P601 MB89 |
8-bit Proprietary Microcontroller 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP48 8-bit Proprietary Microcontroller
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
MB89135 MB89P133AP-201 MB89135APFM MB89P135 MB8913 |
8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP48 8-bit Proprietary Microcontroller
|
Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Component Limit...
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB91155 MB91155PFV-G MB91F155A MB91F155APF-G MB91F |
32-bit Proprietary Microcontrollers Micro controller 32-Bit FR Family
|
FUJITSU[Fujitsu Media Devices Limited]
|
LTC2164IUKPBF LTC2165IUKTRPBF LTC2165 |
16-Bit, 125/105/80Msps Low Power ADCs 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48
|
LINEAR TECHNOLOGY CORP
|
MAX1214EGKD MAX1228AEEP-T MAX1229AEEPT |
1.8V, 12-Bit, 210Msps ADC for Broadband Applications 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc.
|