PART |
Description |
Maker |
AAT3111 AAT3111-33 AAT3111IGU-33-T1 AAT3111IJS-33- |
MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower⑩ Regulated Charge Pump MICROPOWER⒙ REGULATED CHARGE PUMP MicroPower Regulated Charge Pump
|
Advanced Analogic Technologies, Inc.
|
MAX3353EEUE |
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
|
Maxim Integrated Products, Inc.
|
MAX3353EEBP MAX3353EEBPT MAX3353EERP MAX3353EERPT |
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
|
MAXIM - Dallas Semiconductor
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
LX1882-00CDU-TR LX1882-00CDM-TR LX1882-33CDM-TR LX |
Charge Pump Doubler with Linear Regulator Charge Pump; Package: MSOP8;
|
Microsemi Corporation MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
MAX3355E |
?à15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
|
Maxim
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC7660 TC7660MOA TC7660MOA713 |
Charge Pump DC-to-DC Voltage Converter The TC7660 is a pin-compatible replacement for the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 10V input to a corresponding – 1.5V to -10V output using only two low-cost capacitors,eliminating indu
|
http:// Microchip
|
SC1460 SC1460CSK-3.3TR SC1460CSK-5.0TR |
5mA CAPLESS CHARGE PUMP 3.3V 5 mA capless charge pump 5.0V 5 mA capless charge pump
|
Semtech
|
ADF4110 ADF4111 ADF4112 ADF4113 |
Single, Integer-N, 550 MHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N, 1.2 GHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N 3.0 GHz PPL With Programmable Prescaler And Charge Pump Single, Integer-N 4.0 GHz PLL With Programmable Prescaler And Charge Pump
|
Analog Devices
|
TC7662A13 |
Charge Pump DC-to-DC Converter
|
Microchip Technology
|