PART |
Description |
Maker |
LAN91C96ITQFP LAN91C96IQFP |
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
|
SMSC Corporation
|
AM79C970 |
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
|
Advanced Micro Devices
|
AM79C973 AM79C973KCW AM79C973VCW AM79C975KCW AM79C |
PCnet⑩-FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY PCNET⒙-FAST III SINGLE-CHIP 10/100 MBPS PCI ETHERNET CONTROLLER WITH INTEGRATED PHY PCnet-FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
|
AMD[Advanced Micro Devices]
|
BT849AKPF BT848AKPF BT848KPF |
Single-Chip Video Capture for PCI
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AIC-7892 |
Single-Channel PCI-to-Ultra160 SCSI Single-Chip Host Adapter Single Channel PCI on Ultra160 SCSI Single Chup Host Adapter
|
List of Unclassifed Manufacturers ETC Adaptec
|
BCM8603 BCM1280 BCM1255 |
EIGHT-PORT SAS/SATA-II TO PCI EXPRESS/PCI-X RAID-ON-CHIP
|
Broadcom Corp. BOARDCOM[Broadcom Corporation.]
|
LAN911805 LAN9118-MT LAN9118 LAN9118-MD |
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
|
SMSC[SMSC Corporation]
|
LAN9116-MD LAN9116-MT LAN9116 |
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
|
SMSC Corporation
|
VSC7251 |
PCI-Express Serial Attached SCSI Single Chip RAID Controller
|
Vitesse Semiconductor Corporation
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
AT83SND2CMP3_0605 AT83SND2CDVX AT83SND2CMP3 |
Single-Chip MP3 Decoder with Full Audio Interface
|
ATMEL[ATMEL Corporation]
|