PART |
Description |
Maker |
KSC2715 |
FM RADIO AMP, MIX, CONV, OSC, IF AMP FM RADIO AMP/ MIX/ CONV/ OSC/ IF AMP
|
FAIRCHILD[Fairchild Semiconductor]
|
KSC839 |
NPN (FM/AM RADIO RF AMP/ CONV/ OSC/ IF AMP) NPN (FM/AM RADIO RF AMP, CONV, OSC, IF AMP)
|
Samsung semiconductor
|
2SA1815 2SA18154 2SA18153 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-236 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 50mA的一(c)|36 FM,RM,MIX,IF Amp, High-Frequency General-Purpose Amp Applications
|
Coilcraft, Inc. NXP Semiconductors N.V. SANYO[Sanyo Semicon Device]
|
2SA1857 |
PNP Epitaxial Planar Silicon Transistor for FM, RF, MIX, IF Amplifier High-Frequency General-Purpose Amplifier Applications(用于FM, RF, MIX, IF放大器,高频通用放大器应用的PNP硅外延平面型晶体
|
Sanyo Electric Co.,Ltd.
|
2SC4915 |
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY/ FM/RF/MIX/ IF AMPLIFIER APPLICATIONS) NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY, FM,RF,MIX, IF AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SC2995 |
Transistor Silicon NPN Epitaxial Type (PCT process) FM/AM RF, MIX, OSC, IF High Frequency Amplifier Applications
|
TOSHIBA
|
PBYR10100X |
RS232 TO CURRENT LOOP CONV DB25M-DB25F - EUROPE RS232 TO CURRENT LOOP CONV DB25M-DB25F - EUROPE 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AC RECTIFIER DIODES SCHOTTKY BARRIER
|
NXP Semiconductors N.V. Philips Semiconductors
|
FJC1963QTF |
NPN Epitaxial Silicon Transistor; Package: SOT-89; No of Pins: 3; Container: Tape & Reel 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BC81816MTF BC81840MTF |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BGA425 Q62702-G0058 Q62702-S497 Q62702-S633 Q62702 |
Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 Ω block LNA / MIX Unconditionally stable) SI-MMIC-AMPLIFIER IN SIEGET 25-TECHNOLOGIE (MULTIFUNCTIONAL CASC. 50 ヘ BLOCK LNA / MIX UNCONDITIONALLY STABLE) From old datasheet system Si-MMIC-Amplifier in SIEGET 25-Technologie Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 block LNA / MIX Unconditionally stable) Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 block LNA / MIX Unconditionally stable) SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level) SIPMOS小信号晶体管P通道增强模式的逻辑电平
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
FJX945OTF |
NPN Epitaxial Silicon Transistor; Package: SOT-323; No of Pins: 3; Container: Tape & Reel 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|