PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
POWER-32D POWER-22D POWER-12D |
(POWER-12D/-22D/-32D) Low power off-line switching power supply control chip
|
Xin Ke
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
STR-Y6753 STR-Y6763 STR-Y6754 STR-Y6735 STR-Y6700 |
Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
|
Sanken electric
|
FLS2100XS |
The FLS-XS series of general lighting power controllers includes highly integrated power switches for medium - to high-power lumens applications.
|
List of Unclassifed Man...
|
MAX5941A06 MAX5941A MAX5941B MAX5941ACSE-T |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Maxim Integrated Products, Inc.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|
2SD1254 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
|