PART |
Description |
Maker |
ICM7209 |
Timebase Generator
|
Intersil
|
ICM7207AIP ICM7207IPD ICM7207AIPD |
CMOS Timebase Generator
|
HARRIS
|
ISD4004-16MP |
Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
|
Winbond
|
ISD4003 |
Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
|
Winbond Electronics Corp
|
ISD4000 ISD4004-16M ISD400304MED ISD400404MPD ISD4 |
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers
|
ISD5008ZD ISD5008EI ISD5008SD ISD5008Z ISD5008 ISD |
SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4- 5- 6- AND 8- MINUTE DURATIONS SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
|
ETC[ETC] ISD N.A.
|
I5216 I5216P I5216E I5216X I5216S |
8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC 8日至16一分钟语音记录/回放系统整合了codec
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
ISD4003 ISD_4003 |
Single-Chip Voice Record/Playback Devices
4-, 5-, 6-, and 8-Minute Durations From old datasheet system
|
Winbond
|
IDS5008 5008 |
Single-chip voice record/playback device 4-to 8-minute durations From old datasheet system
|
Winbond
|
ISD5116 ISD5116X ISD5116E ISD5116ED ISD5116EI ISD5 |
From old datasheet system Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
|
WINBOND[Winbond]
|
ISD5116P ISD5116X ISD5116ED ISD5116EI ISD5116SD IS |
Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 960 SEC, SPEECH SYNTHESIZER WITH RCDG, PDIP28
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
SA26A SA6.5CA SA18A SA8.0CA SA54CA SA33A SA43A SA1 |
for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; 2 Chamber Transformer System /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 28.7K OHM 1/16W .5% 0603 SMD HS Series Hermetically Sealed Basic Switch, Single Pole Normally Open Circuitry, 15 A at 28 Vdc, Integral Lever Actuator, Leadwire Termination Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors 硅雪崩二极管- 500瓦特轴向引线型瞬态电压抑制器
|
Littelfuse, Inc.
|