PART |
Description |
Maker |
TC1221 TC1221ECH TC1222 TC1222ECH TC1221ECHTR TC12 |
The TC1221/1222 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1221/1222 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.8V to 5.5V. Conversion efficiency is typically 96%. Switching frequency is From old datasheet system (TC1222) High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1221) High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
|
MICROCHIP[Microchip Technology]
|
DS3112N DS3112 |
TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
|
DALLAS[Dallas Semiconductor]
|
ADM660 ADM660AN ADM660AR ADM660ARU ADM8660AR ADM86 |
CMOS Switched-Capacitor Voltage Converters
|
AD[Analog Devices]
|
ADM8660 |
CMOS Switched-Capacitor Voltage Converters
|
Analog Devices
|
ADM660ARU-REEL7 ANALOGDEVICESINC-ADM660ARU-REEL7 A |
CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
TC7116CPL TC7116ACKW TC7116CKW TC7117AIJL TC7117A |
3-1/2 Digit Analog-to-Digital Converters with Hold The TC7116A/TC7117A are 3-1/2 digit CMOS analog-to-digital converters (ADCs)containing all the active components necessary to construct a 0.05% resolution measurement system.Seven-segment decoders, polarity and digit drivers, voltage refer
|
MICROCHIP[Microchip Technology]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
PM7226 PM7226A PM7226AFP PM7226AFR PM7226AR PM7226 |
V(dd): 11.4 to 16.5V; V(ss); -5V -10%; quad 8-bit CMOS D/A converter with oltage output. For automatic test equipment, peocess and industrial control, scientific and medical instrumentation, multichannel microprocessors QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
AD[Analog Devices]
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
CA3338 CA3338A CA3338AD CA3338AE CA3338AM CA3338D |
CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters PARALLEL, 8 BITS INPUT LOADING, 0.02 us SETTLING TIME, 8-BIT DAC, PDSO16 CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters PARALLEL, 8 BITS INPUT LOADING, 0.02 us SETTLING TIME, 8-BIT DAC, CDIP16 CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters PARALLEL, 8 BITS INPUT LOADING, 0.02 us SETTLING TIME, 8-BIT DAC, PDIP16 CMOS Video Speed/ 8-Bit/ 50 MSPS/ R2R D/A Converters From old datasheet system
|
Intersil, Corp. NXP Semiconductors N.V. INTERSIL[Intersil Corporation]
|
LTC1096L LTC1096LAC LTC1096LACS8 LTC1096LAI LTC109 |
Quad Precision Single Supply Low-Power Operational Amplifier 14-SOIC -40 to 85 低电压,微功耗采位串行I /办公自动 D转换 Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters Low Voltage Micropower Sampling 8-Bit Serial I/O A/D Converters From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
UCD4050BG-P16-T UCD4050BG-S16-R UCD4050BG-P16-R UC |
CMOS HEX BUFFER/CONVERTERS
|
Unisonic Technologies
|