PART |
Description |
Maker |
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
OA2NP34S OA4NP OA1NP OA1NP22C OA4NP33Q |
Rail-to-rail input and output Low power, rail-to-rail input and output, CMOS single op amp Low power, rail-to-rail input and output, CMOS quad op amp Low power, rail-to-rail input and output, CMOS dual op amp
|
STMicroelectronics ST Microelectronics
|
XC221A1100MR TOR073 |
1.2V Input/Output Rail To Rail CMOS Op Amp From old datasheet system
|
Torex
|
LTC6244 LTC6244CDD LTC6244CMS8 LTC6244HMS8 LTC6244 |
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
|
Linear Technology
|
LTC6242HVHGN LTC6242HGN |
Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C QUAD OP-AMP, 400 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
6484RPFS |
CMOS quad rail-to-rail I/O Op Amp
|
Maxwell Technologies
|
XC25BS5 XC25BS5001ML XC25BS5001MR XC221A1100ML XC2 |
1.2V Input / Output Rail To Rail CMOS Op Amp 1.2V的输输出摆幅CMOS运算放大 PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
|
Torex Semiconductor, Ltd. TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
MCP6281 MCP6281-E_CH MCP6281-E_MS MCP6281-E_OT MCP |
450 碌A, 5 MHz Rail-to-Rail Op Amp 450 楼矛A, 5 MHz Rail-to-Rail Op Amp 450 渭A, 5 MHz Rail-to-Rail Op Amp 450 μA, 5 MHz Rail-to-Rail Op Amp OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO8
|
Microchip Technology, Inc.
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
LTC6241HVIDD LTC6242HVIGN |
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps DUAL OP-AMP, 725 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
|
Linear Technology, Corp.
|
|