PART |
Description |
Maker |
GBPC3506W GBPC3508W GBPC3508 GBPC35005 GBPC3501 GB |
Dual Audio Operational Amplifier 8-SOIC -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes) Dual Audio Operational Amplifier 8-TSSOP -40 to 85
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
CP3504 CP3501 CP2501 CP3500 CP3502 CP3506 CP3508 C |
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
|
Pan Jit International Inc. PanJit International Inc. Pan Jit International I...
|
CP1508 CP1500 CP1501 CP15010 CP1502 CP1504 CP1506 |
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
|
Panjit International Inc PANJIT[Pan Jit International Inc.]
|
GBPC12005 GBPC1201 GBPC1202 GBPC1204 GBPC1206 GBPC |
HIGH CURRENT SILICON BRIDGE RECTIFIER
|
Pan Jit International Inc.
|
GL250005 GL2500 GL2502 GL2501 GL2504 GL2506 |
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
|
Pan Jit International Inc.
|
BP40-01 BP40-005 BP40-04 BP40-06 BP40-02 BP40-08 B |
40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
|
Frontier Electronics.
|
KBPC5006W KBPC50005W |
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
|
SEMTECH ELECTRONICS LTD.
|
KBPC5000PW KBPC5001PW KBPC4001P KBPC5001P KBPC4000 |
Single 2-Input Positive-NAND Gate 5-SOT-23 -40 to 85 40/ 50A HIGH CURRENT BRIDGE RECTIFIER 40, 50A HIGH CURRENT BRIDGE RECTIFIER 400A条大电流整流 Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-PDIP -40 to 85 400A条大电流整流
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
MD4 MD7 MD5 MD3 MD6 MD6-W |
0.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
|
RECTRON LTD Rectron Semiconductor
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|