PART |
Description |
Maker |
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
GBJ10K GBJ10A GBJ10B GBJ10D GBJ10G GBJ10J |
Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 4V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
GBP206 GBP208 GBP200 GBP201 GBP2010 GBP202 GBP204 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 1000uF; Voltage: 2.5V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 10V; Case Size: 5x6 mm; Packaging: Tape & Reel IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.] http://
|
TYOH1A157G72MTR TYOH0G337G72MTR TYOH0J227G72MTR |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 150 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT
|
TE Connectivity, Ltd.
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
HYS72D32300GBR-5-C HYS72D64320GBR-5-C HYS72D64300G |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 560uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk 184针注册双倍数据速率SDRAM模块
|
Infineon Technologies AG
|
UWT1C470MCL1GB |
Aluminum Electrolytic SMT Wide Temp Range Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
EEFFD0D680R EEFCD0K330R EEFCD0G560R EEFCD1C8R2R EE |
Specialty Polymer Aluminum Electrolytic Capacitor
|
PANASONIC[Panasonic Semiconductor]
|
UUX1C221MNL1GS |
Aluminum Electrolytic SMT High Capacitance Range Capacitor; Capacitance: 220uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 220 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
FP-4R0CS151M-E0R015 FP-4R0CS221M-ER025 FP-4R0CS221 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 150 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 220 uF, SURFACE MOUNT CHIP, LEAD FREE
|
Fujitsu, Ltd.
|
|