PART |
Description |
Maker |
GBJ1010 GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 G |
Aluminum Polymer SMT Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 10x10 mm; Packaging: Tape & Reel 10 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 20V; Case Size: 10x8 mm; Packaging: Tape & Reel 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 10 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 10A GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
NSPZR152M2.5V10X12.5 NSPZR681M6.3V10X12.5 NSPZR821 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
NIC Components, Corp.
|
GBP306 GBP300 GBP301 GBP3010 GBP302 GBP304 GBP308 |
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes) From old datasheet system Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 6.3V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk 反穿玻璃钝化单相桥式整流器(电压- 50000伏特,电三点零安培)
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
KBP10 GBL005 KBP005 KBP01 KBP02 KBP04 KBP06 KBP08 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Aluminum Polymer SMT Capacitor; Capacitance: 82uF; Voltage: 10V; Case Size: 5x6 mm; Packaging: Tape & Reel 单相玻璃钝化整流
|
Shanghai Lunsure Electr... CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd.
|
TYOH1A157G72MTR TYOH0G337G72MTR TYOH0J227G72MTR |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 150 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT
|
TE Connectivity, Ltd.
|
APS-4R0EC3561MHB5S APS-4R0EC5102MJC5S APS-4R0EC556 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UWP1H3R3MCL1GB |
Aluminum Electrolytic SMT Bi-Polar Capacitor; Capacitance: 3.3uF; Voltage: 50V; Case Size: 5x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 50 V, 3.3 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
HYS72D32300GBR-5-C HYS72D64320GBR-5-C HYS72D64300G |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 560uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk 184针注册双倍数据速率SDRAM模块
|
Infineon Technologies AG
|
APS-4R0EFC122MJC5S APS-4R0EFC102MJC5S APS-4R0EFC56 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|
EEFFD0D680R EEFCD0K330R EEFCD0G560R EEFCD1C8R2R EE |
Specialty Polymer Aluminum Electrolytic Capacitor
|
PANASONIC[Panasonic Semiconductor]
|
|