PART |
Description |
Maker |
ISL6553 ISL6553EVA ISL6553CB ISL6553CB-T ISL6553EV |
PWM Controller, 2-Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6217 ISL6217CV ISL6217CV-T ISL6217CVZ ISL6217CV |
PWM Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO38 PWM Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO38 Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV and IMVP-IV Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV垄芒 and IMVP-IV
|
Intersil, Corp. Intersil Corporation
|
APW7120KE-TRG APW7120-08 APW7120KE-TRL APW7120 |
SWITCHING CONTROLLER, PDSO8 5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
|
Anpec Electronics Coroprati... ANPEC ELECTRONICS CORP Anpec Electronics Coropration
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
HIP6302CB HIP6302 HIP6302CB-T HIP6302EVAL1 FN4766 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller(寰??????稿?澶?????璋??瑙h??? Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 微处理器核心电压调节器的多相降压PWM控制 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP6004B03 HIP6004BCR HIP6004BCV HIP6004B HIP6004B |
Microprocessor DC-DC Converter, Buck/Sync-Rectifier, TTL 5-Bit VID DAC, % Reg Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
|
INTERSIL[Intersil Corporation] http://
|
AP200809 |
PWM BUCK CONTROLLER
|
Diodes Incorporated
|
FP6321 |
Sunchronous Buck PWM DC-DC Controller
|
Fitipower
|
ISL6322 |
4-Phase Buck PWM Controller
|
Intersil Corporation
|
F72820SG F72820 |
Synchronous Buck PWM DC-DC Controller
|
Feature Integration Technology Inc.
|