PART |
Description |
Maker |
NTD23N03R NTD23N03R-1 NTD23N03R-1G NTD23N03RG NTD2 |
Power MOSFET 23A, 25V, N-Channel DPAK 23 Amps / 25 Volts / N-Channel DPAK 23 Amps, 25 Volts, N−Channel DPAK 23 Amps, 25 Volts, N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
MGSF2N02E MGSF2N02ELT1 MGSF2N02ELT1G MGSF2N02ELT3 |
2.8 Amps, 20 Volts, N−Channel SOT−23 2.8 A, 20 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-236AB 2.8 Amps, 20 Volts, N-Channel SOT-23 2.8 Amps, 20 Volts, N−Channel SOT−23 Power MOSFET 2.8 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
MMDF3N03HDR2 MMDF3N03HD MMDF3N03HD-D |
Power MOSFET 3 Amps, 30 Volts 4.1 A, 30 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 3 Amps, 30 Volts N-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
SVZ5.6 SVZ1400 |
100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
|
Solid States Devices, Inc. SSDI[Solid States Devices, Inc]
|
NTB23N03RT4G NTB23N03R NTB23N03RG NTB23N03RT4 |
Power MOSFET 23 Amps, 25 Volts N−Channel D2PAK 6 A, 25 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 23 Amps, 25 Volts N−Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
MMSF5N03HD-D |
Power MOSFET 5 Amps, 30 Volts N-Channel SO-8
|
ON Semiconductor
|
|