PART |
Description |
Maker |
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
MMST39062 MMST3906-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS PNP BIPOLAR 40V SOT323 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTA115EE-7 144EE-13 DDTA123EE-13 DDTA114EE-13 DTA |
20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
2SA970GR BCX79-10 2SA984F 2SA1266 2SA1266O |
100 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
DMMT5401-7-F |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 150 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MMBT5087LT3G MMBT5087LT1G |
Small Signal Low Noise Transistor-PNP; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ON Semiconductor
|
DDTA123JKA-7-F DDTA123YKA-7-F DDTA143FKA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. 小信号晶体管 Diodes, Inc.
|
|