PART |
Description |
Maker |
MPS6507 MPS6564 MPS6566 MPS6511 MPS5306 MPS5308 |
Leaded Small Signal Transistor General Purpose Leaded Small Signal Transistor Darlington
|
Central Semiconductor
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
2N1420 2N1131A 2N1132B 2N1482 2N1573 2N1574 2N1053 |
Time (Seconds):1-20; Operating Voltage:250V RoHS Compliant: Yes Small Signal Transistors Leaded Small Signal Transistor General Purpose
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Microsemi Corporation ETC[ETC] Central Semiconductor
|
BCX38A GES6014 2N5812 BCX38B |
Leaded Small Signal Transistor Darlington Small Signal Transistors
|
CENTRAL[Central Semiconductor Corp]
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
BCW33LR BCW32LR BCW33RL BCW60A |
NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AA FUSE 100A 32V MIDI BOLT-ON Fuse Holder; Mounting Type:PC Board; Body Material:Phenolic; Contact Plating:Tin; Current Rating:20A; Leaded Process Compatible:Yes; Voltage Rating:125V SMALL SIGNAL TRANSISTOR, TO-236AB
|
VISHAY SPRAGUE
|
2N2223A 2N2223 2N2915 2N2915A 2N2722 2N2453 2N2453 |
Leaded Small Signal Transistor Dual
|
Central Semiconductor
|
PN5135 PN5136 PN5137 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N5830 BCX38C BCX38B 2N5812 2N5831 MPS3707 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
|