PART |
Description |
Maker |
ISL97701IRZ ISL97701IRZ-T13 ISL97701IRZ-T7 ISL9770 |
Boost Regulator with Integrated Schottky and Input Disconnect Switch; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R 1.2 A SWITCHING REGULATOR, 1100 kHz SWITCHING FREQ-MAX, DSO10
|
Intersil, Corp. Intersil Corporation
|
MBRB3030CTLTRRP MBRB3030CTLTRLP MBRB3030CTLPBF MBR |
Schottky (Diodes & Rectifiers) 30 Amp 30 Volt Common Cathode Diode Schottky 45V 30A 3-Pin(2 Tab) D2PAK
|
Vishay Semiconductors
|
X9271TV14-2.7T1 |
Single Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Intersil, Corp.
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
ICL320705 ICL3217IBZ ICL3207 ICL3207CA ICL3207CAZ |
Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
ISL9212A ISL9212AIRZ ISL9200EVAL1 ISL9212AIRZ-T |
Charging System Safety Circuit; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R SWITCHING REGULATOR, PDSO12
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
CMSH1-40ML CMSH1-20ML |
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 & 40 VOLTS SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 & 40 VOLTS 1 A, 40 V, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
PA10A |
Linear Op-Amp, 90V, 5A "Select" Grade RoHS Compliant: Yes OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CBFM8
|
Cirrus Logic, Inc.
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|