PART |
Description |
Maker |
Z86247 |
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
|
Zilog. ZILOG[Zilog, Inc.]
|
LD3543PGK-011 LD3521PGK-011 LD3542PGK-011 LD3541PG |
KPT 34C 34#20 PIN INLINE RECP Low-Cost Digital Linescan Camera 低成本数字线扫描相机
|
PerkinElmer Optoelectro... PERKINELMER[PerkinElmer Optoelectronics] PerkinElmer Inc. PerkinElmer, Inc.
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
ADXL202 ADXL202AQC ADXL202JQC ADXL210 ADXL210AQC A |
Low Cost 62 g/610 g Dual Axis Accelerometers with Digital Output(124.95 k) Circular Connector; No. of Contacts:26; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle Low Cost -2 g/ -10 g Dual Axis iMEMS Accelerometers with Digital Output
|
Analog Devices, Inc. AD[Analog Devices] http://
|
AD2S93BP AD2S93 AD2S93AP |
Low Cost LVDT-to-Digital Converter
|
AD[Analog Devices]
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
MCP4011 MCP4011-103E_CH MCP4011-103E_MC MCP4011-10 |
Low-Cost 64-Step Volatile Digital POT
|
MICROCHIP[Microchip Technology]
|
STV-DCA/CIF-E01 STV-DCA/VGA-E01 VV6444 -STV0680-00 |
Low Cost Digital Camera (LCDC) Chipset
|
意法半导 STMicroelectronics
|
V6340RSP3B V6340RTO3E V6340FSP3B V6340FTO3E V6340P |
Ultra Low Cost 3-Pin Microprocessor Reset
|
http:// EMMICRO[EM Microelectronic - MARIN SA]
|
V6340 V6340P |
Ultra Low Cost 3-Pin Microprocessor Reset
|
ETC
|
LDA08 |
Low-cost Digital to Analog converter, 8 lines of 8 bit
|
List of Unclassifed Manufacturers ETC[ETC]
|