PART |
Description |
Maker |
PBG |
Dual Linear Bar Graph, Two Separate Bar Graphs, Continuous but Precisely Controlled Bar Length
|
Vishay
|
SPLBG98 SPLBW81 SPLBS94 SPLBX83 SPLBX98 SPLBX94 SP |
Unmounted Laser Bar 40 W, 980 nm Unmounted Laser Bar 20 W, 808 nm Unmounted Laser Bar 100 W, qcw Unmounted Laser Bar 30 W, 830 nm Unmounted Laser Bar 30 W, 980 nm Unmounted Laser Bar 30 W, 940 nm Unmounted Laser Bar 30 W, 808 nm
|
Infineon
|
BA-8Y6UW BA-2D2UW BA-2E2UW BA-2G2UW BA-2H2UW BA-2R |
LED LIGHT BAR & BAR GRAPH ARRAYS ENCLOSURE, CLEAR DOORENCLOSURE, CLEAR DOOR; Length / Height, external:185mm; Width, external:213mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL94-5V; IP rating:IP 65; RAL number:7035; LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
MBRF10100CT MBRF10200CT |
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MC10EL31D MC100EL31D 57173HR UVB-5X173 |
Dual 1A Current-Limited, Power-Distribution Switches 8-SOIC -40 to 85 12.76.35mm的光 12.7X6.35mm LIGHT BAR 12.7X6.35mm光条 12.7mm X 6.35mm Light Bar 12.7 6.35mm LIGHT BAR
|
Unity Opto Technology Co., Ltd. UOT[Unity Opto Technology]
|
VAC80C-980-01 VAC80C-980-02 VAC80C-940-01 VAC80C-9 |
80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
|
Bookham, Inc.
|
SS8PH10-M3-87A SS8PH10-M3-86A |
High Current Density Surface Mount High Voltage Schottky Rectifier
|
Vishay Siliconix
|
SS10PH10-M3_86A SS10PH10-M3_87A SS10PH10-M3/86A SS |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
SS10PH10-E3_86A SS10PH10 SS10PH10-E3_87A SS10PH9 |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
A-2304X A-1804X A-1804E A-2304E A-1804SR A-1804Y |
Light bar yellow Light bar hi.effi red Light bar super red
|
List of Unclassifed Manufacturers PARA Light ETC[ETC] Electronic Theatre Controls, Inc.
|
AB081C20W |
High Power Single Bar CW Infrared Laser Diode
|
Roithner LaserTechnik GmbH
|
L8413-15 |
High-power Laser Diode CW Single Bar Module
|
Hamamatsu Corporation
|