PART |
Description |
Maker |
MIC5330 MIC5330-1.8_1.5YML MIC5330-1.8_1.6YML MIC5 |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RF Power Field Effect Transistor Microcontroller Dual, High Performance 300mA UCap ULDO Dual, 300mA UCap LDO in 2mm x 2mm MLF
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] BITECH FREESCALE
|
MIC5258 MIC5258-1.2BM5 |
150mA UCap CMOS LDO Regulator w/Power Good
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC37252BR MIC37252BU MIC37252 |
2.5A, Low Voltage UCap LDO Regulator 2.5A Low Voltage UCap LDO Regulator 2.5A/ Low Voltage UCap LDO Regulator 2.5A, Low Voltage UCap LDO Regulator 1.24 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
LTC3672B-1 LTC3672BEDC-1-PBF LTC3672BEDC-1-TRPBF L |
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm × 2mm DFN Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 】 2mm DFN Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm x 2mm DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
LTC3670 LTC3670EDDB-PBF LTC3670EDDB-TRPBF LTC3670E |
Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 】 2mm DFN Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 2590 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
MIC5254-SJBMM MIC5254-SJYMM MIC5254-SJBMMTR |
Dual 150mA μCap LDO with Error Flag Outputs DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Micrel Semiconductor MICREL INC
|
MIC37302 MIC37302BR MIC37302BU MIC37300-3.3BR MIC3 |
3.0A, Low-Voltage µCap LDO Regulator - 3.0A/ LOW VOLTAGE UCAP LDO REGULATOR 3.0A LOW VOLTAGE UCAP LDO REGULATOR 3.0A, LOW VOLTAGE UCAP LDO REGULATOR
|
MICREL[Micrel Semiconductor]
|
LC3564PL-10 LC3564PML-12P LC3564PML-15 LC3564PML-1 |
Dual UCap LDO in 3mm 3mm MLF
|
Micrel Semiconductor,Inc.
|
AAT3218IJS-1.25-T1 |
150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
AAT3218IJS-3.5-T1 AAT3218 AAT3218IGV-1.2-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower垄芒 High Performance LDO 150mA MicroPower⑩ High Performance LDO
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|