PART |
Description |
Maker |
LTC1921 LT1640AH LT1640AL LT4250 LTC4251 LTC425112 |
Negative Voltage Hot Swap Controllers in SOT-23 Negative Voltage Diode-OR Controller
|
Linear Technology
|
ISL6142 ISL6142CB ISL6152 ISL6152CB ISL6152IB |
Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTripCurrent Regulation, UV/OV Protection, Prog Time Out, Load current monitor, Active high PWRGD Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTrip Current Regulation, UV/OV Protection, Prog Time Out, Load current monitor, Active low PWRGD-bar Negative Voltage Hot Plug Controller
|
INTERSIL[Intersil Corporation]
|
ISL6150IB-T ISL6150IBZ |
Negative Voltage Hot Plug Controller
|
INTERSIL CORP
|
MC34653EF_R2 MCZ34653EF_R2 34653 |
1.0 A Negative Voltage Hot Swap Controller
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC7912ACD2T MC7912ACD2TR4 MC7912ACT MC7912BD2T MC7 |
1.0 A Negative Voltage Regulators 1A, 5V, Negative Voltage Regulator 1A, 5.2V, Negative Voltage Regulator 1A, 18V, Negative Voltage Regulator 1A, 15V, Negative Voltage Regulator 1A, 8V, Negative Voltage Regulator 1A, 12V, Negative Voltage Regulator 1A, 24V, Negative Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
LTC4261CUFD-2 LTC4261IUFD-2 LTC4261IGN LTC4261IGN- |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
|
Linear Technology
|
MIC2596 MIC2597 |
(MIC2596 / MIC2597) Dual Channel Negative Voltage Hot Swap Controllers
|
Micrel Semiconductor
|
IXHQ100PI IXHQ100SI IXHQ100 |
From old datasheet system Negative Voltage Hot Swap Controller with Active Power Filter
|
IXYS[IXYS Corporation]
|
IP79M05 IP79M15J IP120M IP120M-05 IP120M-12 IP120M |
0.5A, 15V Negative Voltage Regulator 0.5 AMP,Negative Voltage Reglator(0.5 A,15V负稳压器) 0.5 AMP,Negative Voltage Reglator(0.5 A,12V负稳压器) XO 50MHZ 50PPM 3.3V SMD-7050 TR-7-PL Circular Connector; No. of Contacts:22; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No XO 25MHZ 50PPM 3.3V SMD-7050 TR-7-PL RES-ARRAY 10K-OHM 8-ELEMENT 5% 0.5W CONCAVE THK-FILM SMD-6416 TR-7-PA 0.5安培负电压稳压器 0.5 AMP NEGATIVE VOLTAGE REGULATOR 0.5安培负电压稳压器 Voltage Regulator 15 V FIXED NEGATIVE REGULATOR, MBCY3 Voltage Regulator 5 V FIXED NEGATIVE REGULATOR, MBCY3 XO 48MHZ 50PPM 3.3V SMD-7050 TR-7-PL 0.5安培负电压稳压器 Voltage Regulator 电压调节 0.5 AMP,Negative Voltage Reglator(0.5 A,5V负稳压器) 0.5安培,负电压Reglator.5甲,5V的负稳压器) 0.5 AMP NEGATIVE VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 0.5A, 12V Negative Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. SEMELAB LTD
|
MIC2594 MIC2588 MIC2588-2BM MIC2588-1BM MIC2594-1B |
Replaced by PTH05060W : 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Single-Channel, Negative High-Voltage Hot Swap Power Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Single-Channel Negative High-Voltage Hot Swap Power Controllers
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MC79L15ABD MC79L15ABP MC79L15CP MC79L00 MC79L00ACP |
From old datasheet system THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PBCY3 COVER, PSU; Length / Height, external:42.1mm; Width, external:96.5mm; Depth, external:172.7mm; Material:Aluminium; Series:HUL RoHS Compliant: Yes 5 V FIXED NEGATIVE REGULATOR, PBCY3
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|