PART |
Description |
Maker |
LTC3728LEGNPBF LINEARTECHNOLOGYCORP-LTC3728LXCUHTR |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28 Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1709 LT1709-8 |
Dual, 550kHz, 2-Phase Synchronous Regulator
|
Linear Technology
|
LTC1702IGN LTC1702 LTC1702CGN |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
http:// Linear Technology Corporation
|
LTC1702C LTC1702CGN LTC1702 LTC1702I LTC1702IGN |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
LINER[Linear Technology]
|
LTC3728 |
36V Dual 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
|
Linear
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1704BEGN LTC1704EGNTRPBF LTC1704EGNPBF LTC1704B |
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 650 kHz SWITCHING FREQ-MAX, PDSO16 550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1704 1704BFA LTC1704B |
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller From old datasheet system
|
http:// Linear Technology
|
LTC3880-1 LTC3850 LTC3850-1 LTC3850-2 LTC3869-2 LT |
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
MCM69D536 |
32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM From old datasheet system
|
Motorola
|
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|