PART |
Description |
Maker |
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
LD3986J285R LD3986XX285 |
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
|
ST Microelectronics
|
KA78R12CTSTU KA78R12CTU KA78R33CYDTU KA78R05C KA78 |
1A Fixed 3.3V Low Dropout Voltage Regulator (LDO) 1A Fixed 15V Low Dropout Voltage Regulator (LDO) 1A Fixed 12V Low Dropout Voltage Regulator (LDO) 1A Fixed 8V Low Dropout Voltage Regulator (LDO) 1A Fixed 9V Low Dropout Voltage Regulator (LDO) 1A Fixed 5V Low Dropout Voltage Regulator (LDO) 1A Output Low Dropout Voltage Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
B1585 B1585J-1.5 B1585J-2.5 B1585J-3.0 B1585J-3.3 |
5.0A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 5.0A low dropout voltage regulator 2.5V 5.0A low dropout voltage regulator 3.0V 5.0A low dropout voltage regulator 3.3V 5.0A low dropout voltage regulator Adjustable 5.0A low dropout voltage regulator
|
BayLinear
|
L88MS00T L88MS04T L88MS05T L88MS06T L88MS08T L88MS |
6V 0.5A Low Dropout Voltage Regulators with On/Off Function(输出电压6V,输出电流为500mA的低压差电源稳压器(带输出电压控制的开/关功 4 to 12 V/ 0.5 A Low Dropout Voltage Regulator with On/Off Function 4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LD3986J33R-E LD3986 LD3986J12248R LD3986J12248R-E |
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS 双超低压降低噪声BICMOS工艺电压退订。至于一些使用低ESR输出。电容器
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LP2950ACDT-3.0RK LP2950ACZ-3.0RA LP2950CDT-3.0RK L |
100mA, 3V, Low Power Low Dropout Voltage Regulator 100mA, 3.3V or Adjustable, Low Power Low Dropout Voltage Regulator with Error Flag Output
|
ON Semiconductor
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|