PART |
Description |
Maker |
TNETC460X |
High-Performance Single-Chip DOCSIS® 2.0 Cable Modem Chip
|
TI
|
MN1500 |
High Speed / High Performance 4 Bit Single Chip Microcomputers
|
Matsushita
|
S3P7434 S3P7424 S3P7414 S3C7414 S3C7424 S3C7434 |
The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47 INDUCTOR HI FREQ 10NH 5% 0201 The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47 The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core/ SAM47
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KS57C21116 KS57C21124 KS57C21132 KS57P21132 |
(KS57C21116 - KS57P21132) single-chip CMOS microcontroller The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
|
Samsung semiconductor
|
AD53509 AD53509JSQ |
High-Performance Driver/Comparator Active Load on a Single Chip
|
AD[Analog Devices]
|
LAN911807 |
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
|
SMSC Corporation
|
LAN9117 LAN9117-MD LAN9117-MT |
HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
|
SMSC Corporation
|
LAN921807 |
High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
|
SMSC Corporation
|
AX8878007 |
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
|
ASIX Electronics Corporation
|
AX88780 |
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
|
ASIX Electronics Corpor...
|
LAN9217-07 |
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
|
SMSC Corporation
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|