PART |
Description |
Maker |
EP1K50TC144-1DX EP1K50TI144-1DX EP1K50FC484-2F EP1 |
Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R 现场可编程门阵列(FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R
|
Taiyo Yuden Co., Ltd. Nihon Inter Electronics, Corp. Vectron International, Inc. Samsung Semiconductor Co., Ltd.
|
HIP1012ACBZA-T |
Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Intersil, Corp.
|
IRFS644BFP001 |
250V N-Channel B-FET / Substitute of IRFS644 & IRFS644A; ; No of Pins: 3; Container: Rail 14 A, 250 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
IRFP254BFP001 |
250V N-Channel B-FET / Substitute of IRFP254 & IRFP254A; ; No of Pins: 3; Container: Rail 25 A, 250 V, 0.14 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
HUF75329D3 HUF75329D3S HUF75329D3ST HUF75329D3STNL |
20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 20 A, 55 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
60CDQ 60CDQ020 60CDQ030 60CDQ035 40COQ030 40CDQ040 |
4O and SO Amp Dual Schottky Center Tap Rectifiers
|
New Jersey Semi-Conduct...
|
EP9305 EP9303 EP9320 EP9326 EP9314 |
DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC Low Noise, Low Power, Volatile; Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 8-MSOP Precision 4.096V SOT-23 FGA™ Voltage Reference; Temperature Range: -40°C to 85°C; Package: 3-SOT-23 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Infineon Technologies AG
|
FQD8P10TF |
100V P-Channel QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 6.6 A, 100 V, 0.53 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
FQD13N10LTF |
100V N-Channel Logic Level QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 10 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
60CDQ SD241 40CDQ 40CDQ20 40CDQ30 40CDQ35 40CDQ40 |
40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS V(rwm): 20V; 40A dual schottky center tap rectifier V(rwm): 30V; 40A dual schottky center tap rectifier V(rwm): 30V; 60A dual schottky center tap rectifier V(rwm): 40V; 60A dual schottky center tap rectifier
|
IRF[International Rectifier]
|
KK91214A KK91214AD KK91214AN KK91214B KK91214BD KK |
N-Channel NexFET™ Power MOSFETs 8-SON -50 to 150 音频/脉冲拨号器使用Flash功能 N-Channel NexFET™ Power MOSFETs 8-SON -50 to 150 Tone/Pulse Dialer with Flash Function
|
KODENSHI, CORP. KODENSHI CORP. KODENSHI KOREA CORP.
|