PART |
Description |
Maker |
ISL6553 ISL6553EVA ISL6553CB ISL6553CB-T ISL6553EV |
PWM Controller, 2-Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6569CR ISL6569CB-T ISL6569 |
PWM Controller, 2-Phase, 5-Bit DAC, Reg %, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
ISL6556B ISL6556BCR |
PWM Controller, 2-4 Phase, 6-Bit VID, ?.5% Reg Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
|
INTERSIL[Intersil Corporation]
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
ISL6563 ISL6563CR ISL6563CR-T ISL6563CRZ ISL6563EV |
Two-Phase Multi-Phase Buck PWM Controller with Integrated MOSFET Drivers
|
INTERSIL[Intersil Corporation]
|
RT8876A |
Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
|
Richtek Technology Corporation
|
IR3230S IR3230SPBF IR3230STRPBF |
3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
|
International Rectifier
|
NCP6132ADMNR2G NCP6132AMNR2G NCP6132BMNR2G |
Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
SC2449ISWTRT |
BI-Phase/Dual Controller BI-Phase/Dual控制
|
Semtech, Corp.
|
FAN5018B FAN5018BMTCX |
6-Bit VID Controller 2-4 Phase VR10.X Controller
|
Fairchild Semiconductor
|