PART |
Description |
Maker |
SWG81510 SWG83610 SWG84210 SWG84810 SWG86010 |
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|
ISL6569CR ISL6569CB-T ISL6569 |
PWM Controller, 2-Phase, 5-Bit DAC, Reg %, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
MDT10P257P11 |
8-bit micro-controlle
|
Micon Design Technology...
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
ISL6364CCRZ |
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
|
Intersil Corporation
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
ISL6322GIRZ |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
|
Renesas Electronics Corporation
|
NCP1294EDTB16R2G |
Enhanced Voltage Mode PWM Controller
|
ON Semiconductor
|
MCP19114 |
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller
|
Microchip
|
STMPE16011 |
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
|
STMicroelectronics
|
ZXLD1352 ZXLD1352ET5TA |
350mA LED driver with internal switch and enhanced PWM dimming range
|
Zetex Semiconductors
|
PIC18F1230-E/ML PIC18F1330-E/ML PIC18F1230-E/MLQTP |
18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
|
Microchip Technology
|