PART |
Description |
Maker |
EP9604G-32 EP9604G-36 EP9604G-800 EP9604G-600 EP96 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
NXP Semiconductors N.V.
|
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
X9269 X9269TB16 X9269TB16-2.7 X9269TB16I X9269TB16 |
Dual Digitally-Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
X9260US24-2.7 X9260_06 X9260 X9260TS24I X9260TS24I |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9221A |
Dual Digitally Controlled Potentiometer
|
Intersil Corporation
|
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
X93254 X93254UV141-3 |
Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil Corporation http://
|
FX029 |
Dual Digitally Controlled Amplifier Array
|
CML Microcircuits
|
EPA073HL-225 EPA073HL-100 EPA073HL-300 EPA073HL-35 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Abracon, Corp. TE Connectivity, Ltd.
|