PART |
Description |
Maker |
ISL89400ABZ ISL89401ABZ ISL89401AR3Z-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers 100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 9-DFN T&R
|
Intersil Corporation
|
HIP2100 |
Driver, Half Bridge, 100V/2A Peak, High Frequency, Drives N-Channel
|
Intersil
|
PK3 PK15 |
Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
|
Willow Technologies Ltd
|
HIP4081 HIP4081IB HIP4081IP |
80V/2.5A Peak/ High Frequency Full Bridge FET Driver 80V/2.5A Peak, High Frequency Full Bridge FET Driver
|
INTERSIL[Intersil Corporation]
|
MP18024HN |
100V, 4A, High Frequency Half-Bridge Gate Driver
|
Monolithic Power System...
|
MP1907 |
100V 2.5A High Frequency Half-bridge Gate Driver
|
MPS
|
MP18021 |
100V High Frequency Half-Bridge Gate Driver
|
Monolithic Power System...
|
SPW |
Special Purpose, High Frequency Load (Tubes), High Stability and Excellent High Frequency Characteristics, Particularly Suited for High Frequency Applications
|
Vishay
|
AAA3528EMBSGC |
3.5 x 2.8 mm surface mount LED lamp. High efficiency red (peak wavelength 627 nm).Super bright green (peak wavelength 565 nm). Blue (peak wavelength 430 nm). Lens type water clear.
|
Kingbright Electronic
|
W530-02H W530-02HXT |
Frequency Multiplying, Peak Reducing EMI Solution Logic and Timing: Frequency Multiplying: Peak Reducing EMI Solution
|
Cypress Semiconductor
|
HIP4081 HIP4081IB |
80V/2.5A Peak/ High Frequency Full Bridge FET Driver System Basic Chips (SBC); Package: PG-DSO-28; Transceiver: Fault-tollerant CAN ISO 11898 - 3; Voltage Regulator Output: 120 mA; Watchdog: Window
|
Intersil Corporation
|
ISL78420 ISL78420ARTAZ ISL78420ARTBZ |
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
|
Intersil Corporation
|