PART |
Description |
Maker |
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MAX807 MAX807CPE MAX807CWE MAX807EPE MAX807EWE MAX |
Full-featured microprocessor supervisory circuit with -1.5% reset accuracy. Reset threshold (typ) 4.675V Full-Featured レP Supervisory Circuit with 1.5eset Accuracy 全功能レP监控电路与精度1.5eset Full-Featured レP Supervisory Circuit with .5eset Accuracy Full-Featured P Supervisory Circuit with 1.5eset Accuracy Full-Featured μP Supervisory Circuit with ±1.5% Reset Accuracy Full-featured microprocessor supervisory circuit with -1.5% reset accuracy. Reset threshold (typ) 4.575V
|
Maxim Integrated Products, Inc. Maixm MAXIM - Dallas Semiconductor
|
ADM8690ANZ ADM8690-15 ADM8692-15 ADM8691-15 |
uP Supervisory Circuit, 8-Pin DIP; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Microprocessor Supervisory Circuits
|
Analog Devices, Inc.
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM809MART ADM809JART ADM809RART ADM809TART |
Microprocessor Supervisory Circuit in 3-Pin SOT-23 RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Impedance:50ohm; Body Style:Straight; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes 微处理器监控电路引脚SOT - 23 Microprocessor Supervisory Circuit in 3-Pin SOT-23 微处理器监控电路引脚SOT - 23 SRAM Nonvolatile Controller IC for 4 SRAM Banks 16-SOIC -40 to 85
|
Analog Devices, Inc.
|
SP6341 SP6339 SP6339EK1-L-Z-J-C |
Triple μPower Supervisory Circuit with Manual Reset and Watchdog Triple レPower Supervisory Circuit with Manual Reset and Watchdog
|
SIPEX[Sipex Corporation]
|
MIC1832 MIC1832N MIC1832M |
レP Supervisory Circuit
|
MICREL[Micrel Semiconductor]
|
ADM1232 ADM1232AN ADM1232ARM ADM1232ARN ADM1232ARW |
Microprocessor Supervisory Circuit
|
AD[Analog Devices]
|
MAX791 MAX791CPE MAX791CSE MAX791EJE MAX791EPE MAX |
Microprocessor Supervisory Circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ADM8320 ADM8316 ADM8318 ADM8319 ADM8322 |
Supervisory Circuit with Watchdog, Manual Reset, and Active-Low Open-Drain Reset Output Supervisory Circuit with Watchdog, Manual Reset, and Active-Low Push-Pull Reset Output Supervisory Circuit with Watchdog, Active-Low and Active-High Push-Pull Reset Outputs Supervisory Circuit with Manual Reset, Active-Low and Active-High Push-Pull Reset Outputs Supervisory Circuit with Manual Reset, Active-Low Open-Drain and Active-High Push-Pull Reset Outputs
|
Analog Devices
|