PART |
Description |
Maker |
HQ0611 |
Shipped in Packet Tape Reel
|
Asahi Kasei Microsystems
|
HG-0715 |
Shipped in packet-tape reel(10,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-0811 |
Shipped in packet-tape reel(5,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-0712 |
Shipped in packet-tape reel(10,000pcs per reel)
|
Asahi Kasei Microsystems
|
HZ-116C |
Shipped in packet-tape reel(2,500pcs per reel)
|
Asahi Kasei Microsystems
|
HW-101A-4T |
Shipped in packet-tape reel(3,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-0115 |
Shipped in packet-tape reel(5,000pcs per reel)
|
Asahi Kasei Microsystem...
|
HW-300B13 HW300B |
Shipped in bulk(500pcs per pack) Shipped in bulk
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
BCM5318 |
RoboSwitch-plus 8-PORT 10/100 Switch with on-chip packet buffer memory 8 PORT 10/100 SWITCH WITH ON CHIP PACKET
|
Broadcom Corporation. ETC
|