PART |
Description |
Maker |
HIP408206 HIP4082IPZ HIP4082 HIP4082IB HIP4082IBZ |
80V, 1.25A Peak Current H-Bridge FET Driver
|
INTERSIL[Intersil Corporation]
|
HIP4086AABZ HIP4086ABZ HIP4086ABZT |
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current 80V/0.5A Peak Three Phase Driver; Temperature Range: -25°C to 85°C; Package: 24-SOIC T&R 1.1 A HALF BRDG BASED MOSFET DRIVER, PDSO24
|
Intersil Corporation
|
BD828-10 BD826-6 BD826-16 BD830-10 |
SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Peak Non Repetitive Surge Current, Itsm:100A; Gate Trigger Current Max, Igt:200uA TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1.5A I(C) | TO-202 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1.5A I(C) | TO-202 SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35uA 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1.5AI(丙)|02
|
Analog Devices, Inc.
|
HIP4082IBZT |
80V/1.25A Peak Current Full Bridge FET Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO16
|
Intersil, Corp.
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
NTE5327 NTE5326 NTE5328 |
Silicon bridge rectifier, single - phase, 25A. Maximum recurrent peak reverse voltage, Prv = 800V. Silicon bridge rectifier, single - phase, 25A. Maximum recurrent peak reverse voltage, Prv = 600V. Silicon bridge rectifier, single - phase, 25A. Maximum recurrent peak reverse voltage, Prv = 1000V.
|
NTE Electronics
|
HCA10008 |
80V/2.5A Peak/ High Frequency Full Bridge FET Driver 80V/2.5A Peak, High Frequency Full Bridge FET Driver
|
INTERSIL[Intersil Corporation]
|
HD06 HD04 HD01 HD02 |
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Triac; Package/Case:TO-48; Current, It av:40A; Mounting Type:Through Hole; Repetitive Reverse Voltage Max, Vrrm:200V; Current Rating:40A; Voltage TRIAC,200V V(DRM),25A I(T)RMS,TO-220 TRIAC-600VRM-25A-TO220
|
DIODES[Diodes Incorporated] Diodes Inc.
|
MIP0210SP |
ISOLATOR 3P 25AISOLATOR 3P 25A; Poles, No. of:3; Current rating:25A; Configuration, contact:1 N/O 1 N/C; Depth, external:169mm; IP rating:IP55; Length / Height, external:174mm; Material:Steel; Power, switching AC3 max:5.5kW; Width, Silicon MOS IC
|
PANASONIC CORP Panasonic Semiconductor
|
BT236-D BT2.6-D |
600V Vdrm 6A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Sensitive Gate Triacs
|
SEMIWELL[SemiWell Semiconductor]
|