PART |
Description |
Maker |
AD7778AS AD7776 AD7776AR AD7777AN |
LC2MOS/ High Speed 1-/ 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs 4-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28 LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS,高 - -
|
Analog Devices, Inc.
|
AD7739BRU AD7739BRUZ-REEL7 |
8-Channel, 4 kHz, 24-Bit Sigma-Delta A/D Converter; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 8-Channel, High Throughput, 24-Bit Sigma-Delta ADC 8通道,高吞吐量,24位Δ模数转换 8-Channel, High Throughput, 24-Bit Sigma-Delta ADC 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices, Inc.
|
104-AIO16-16W |
16-bit, High-Speed, 16-channel A/D with 12-bit D/A
|
Advanced Digital Logic, Inc.
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
EVAL-AD5532EB AD5532ABC-1 AD5532ABC-2 AD5532ABC-3 |
32-Channel 14-Bit Bipolar Voltage-Output DAC SERIAL INPUT LOADING, 14-BIT DAC, PBGA74 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode 32-Channel Voltage-Output 14-bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
MSM66585 MSM66P587 MSM66Q587 |
Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
|
OKI
|
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7822BR AD7822BRU AD7829 AD7822BN AD7822 AD7829BR |
3V/5V, 8-Bit, 8-Channel, 2 MSPS Data Acquistion System 3V/5V, 8-Bit, 4-Channel, 2 MSPS Data Acquistion System 3V/5V, 8-Bit, 2 MSPS Analog-to-Digital Converter 3V/5V, 2MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling Analog-to-DigitalConverter,8-Bit
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
|
AD[Analog Devices]
|
HI7188EVAL FN4016 HI7188 HI7188IN HI7188IP |
8-Channel, 16-Bit, High Precision, Sigma-Delta A/D Sub-System From old datasheet system 8-Channel 16-Bit High Precision Sigma-Delta A/D Sub-System
|
INTERSIL[Intersil Corporation]
|
AD7776 |
LC2MOS, High Speed 1-, 4-& 8-Channel 10-Bit ADCs
|
Analog Devices
|
|