PART |
Description |
Maker |
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FCP9N60N FCPF9N60NT |
N-Channel MOSFET 600V, 9A, 0.385Ω N-Channel MOSFET 600V, 9A, 0.385惟 N-Channel MOSFET 600V, 9A, 0.385楼?
|
Fairchild Semiconductor
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
STB6NC60-1 STB6NC60T4 STP6NC60FP P6NC60 STB6NC60 S |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?II MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESHII MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH⑩II MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
FCA47N60 FCH47N60 |
600V N-Channel MOSFET 47 A, 600 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD 600V N-Channel MOSFET
|
Fairchild Semiconductor, Corp.
|
STP8NC60 STP8NC60FP |
N - CHANNEL POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh⑩II MOSFET N沟道600V 0.85ohm -A TO-220/TO-220FP PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP POWERMESH II MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
FQP6N60C FQPF6N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP2N60C FQPF2N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|