PART |
Description |
Maker |
EL151107 EL1511CSZ-T7 EL1511 EL1511CL EL1511CL-T13 |
DUAL LINE DRIVER, PQCC16 DUAL LINE DRIVER, PDSO16 Medium Power Differential Line Driver
|
INTERSIL[Intersil Corporation]
|
MM88C30N MM88C29 MM88C29N MM88C30 MM88C30M MM88C30 |
Dual Differential Line Driver DUAL LINE DRIVER, PDSO14 Quad Single-Ended Line Driver . Dual Differential Line Driver From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
74F3040 N74F3040N N74F3040D |
Dual 4-input NAND 30Ohm line driver Dual 4-input NAND 30 ohm line driver 双路4输入NAND 30欧姆的线路驱动器 Dual 4-input NAND 30 ohm line driver F/FAST SERIES, DUAL 4-INPUT NAND GATE, PDSO16 Dual 4-input NAND 30 W line driver
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74ACT240MTCXNL 74ACT24008 74AC240SCX |
Octal Buffer/Line Driver with 3-STATE Outputs ACT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 74AC240, 74ACT240 Octal Buffer/Line Driver with 3-STATE Outputs Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel AC SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
EL1506 EL1506CM EL1506CRE |
MiniFit Jr RA 30 SAu Header Assy 6Ckt 中功率差分线路驱动器 Medium Power Differential Line Driver Driver, ADSL, Dual Differential Line, 40VP-P @ 1MHz/100Ω, 360mA @ 16VP-P
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74ABT241 74ABT241D 74ABT241DB 74ABT241N 74ABT241PW |
Octal buffer/line driver (3-State) From old datasheet system Octal buffer/line driver 3-State ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FIN1049MTCX |
LVDS Dual Line Driver with Dual Line Receiver; Package: TSSOP; No of Pins: 16; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
PCA9551BS3 |
LED DISPLAY DRIVER, PQCC16
|
NXP SEMICONDUCTORS
|