PART |
Description |
Maker |
CLI850 CLI870 CLI860 CLI840 |
100 mA, optical switch OPTICAL SWITCHES
|
Clairex Technologies ETC[ETC] List of Unclassifed Manufacturers
|
H21LTI H21LOB H21LTB H21LOI |
OPTOLOGIC OPTICAL INTERRUPTER SWITCH 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
OPB492T11 OPB492N11 |
Photologic Slotted Optical Switches 3.11 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT
|
TT electronics OPTEK Technology
|
ISTS149 ISTS703A ISTS708 |
Reflective Optical Switch(导通集电极电流25μA的反射光开关(由红外发光二极管 NPN光晶体管组成 REFLECTIVE OPTICAL SWITCHES
|
Isocom Components List of Unclassifed Manufacturers
|
AN649 |
HFTA-04.0: Optical/Electrical Conversion in SDH/SONET Fiber Optic Systems
|
MAXIM - Dallas Semiconductor
|
AN649 |
HFTA-04.0: Optical/Electrical Conversion in SDH/SONET Fiber Optic Systems
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX4832 MAX4833 MAX4832EUT18D1 MAX4832ETT18D1 MAX4 |
3.0 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 From old datasheet system 100mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, 100 mA LDO regulator with current-limiting switch
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SN1110730FA SN12102D5NC |
FIBER OPTIC SWITCH, 1290-1330nm, 1X1PORT, THROUGH HOLE MOUNT, FC/APC CONNECTOR FIBER OPTIC SWITCH, 1290-1330nm, 1X2PORT, THROUGH HOLE MOUNT
|
JDS UNIPHASE CORP
|
TORX198 |
FIBER OPTIC RECEIVING MODULE WITH ANALOGUE OUTPUT TO MONITOR OPTICAL FLUX FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
|
Toshiba Semiconductor
|
C-15-13-D02-B-SSCH-G5 C-15-13-D02-B-SSCL-G5 C-15-1 |
FIBER OPTIC RECEIVER, 1535-1565nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR FIBER OPTIC RECEIVER, 1535-1565nm, 622Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR FIBER OPTIC RECEIVER, 1535-1565nm, 1250Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR 1550nm Emitting(DFB),1310nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
TODX298 |
FIBER OPTIC TRANSCEIVING MODULE WITH ANALOG OUTPUT TO MONITOR OPTICAL FLUX FOR DUPLEX DIGITAL SIGNAL TRANSMISSION From old datasheet system
|
Toshiba Semiconductor
|
|