PART |
Description |
Maker |
AM29F400BT-90FC AM29F400BT-90EIB AM29F400BT-90SE |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc.
|
AM29BDD160GT54DKI AM29BDD160GB64CKI AM29BDD160GB65 |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 64 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位 M中的x 16-bit/512亩32位).5伏的CMOS只突发模式,双启动,同步写闪 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F800B AM29F800BB-55FEB AM29F800BT-55FEB AM29F8 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 55 ns, PDSO48
|
AMD Advanced Micro Devices, Inc. http://
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM29LV800DB-70FF AM29LV800DB-90FF AM29LV800DT-120W |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 120 ns, PBGA48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F800BB-70WBD AM29F800BB-55WBK AM29F800BB-55WBF |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
Advanced Micro Devices, Inc.
|
AM29DL400BT-70EE AM29DL400BT-70EEB AM29DL400BT-70E |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only/ Simultaneous Operation Flash Memory
|
Advanced Micro Devices
|
AM29LV400B-150EEB |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC
|
AM29SL800C AM29SL800CB100EC AM29SL800CB100ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|