PART |
Description |
Maker |
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
AM50DL9608GT75IS AM50DL9608GT75IT AM50DL9608GT70IS |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
|
SPANSION[SPANSION]
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
AM42DL640AG45IT AM42DL640AG25IT AM42DL640AG |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION http://
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
S29GL016A10FAIR10 S29GL016A30FAIR10 S29GL032A10FAI |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION http://
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM42DL640AG25IT AM42DL640AG45IT AM42DL640AG70IT |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|