PART |
Description |
Maker |
81CNQ045A 81CNQ040A 81CNQ035A 81CNQ045ASM 81CNQ045 |
35V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER New GenIII D-61 Package
|
International Rectifier INTERFET[InterFET Corporation]
|
89CNQ135 89CNQ150 |
135V 80A Schottky Common Cathode Diode in a D61-8 package 150V 80A Schottky Common Cathode Diode in a D61-8 package
|
International Rectifier
|
20CTQ040S 20CTQ045-1 20CTQ045S 20CTQ 20CTQ035-1 20 |
SCHOTTKY RECTIFIER 45V 20A Schottky Common Cathode Diode in a D2-Pak package 40V 20A Schottky Common Cathode Diode in a D2-Pak package 45V 20A Schottky Common Cathode Diode in a TO-220AB package 40V 20A Schottky Common Cathode Diode in a TO-220AB package 35V 20A Schottky Common Cathode Diode in a TO-220AB package 45V 20A Schottky Common Cathode Diode in a TO-262 package 40V 20A Schottky Common Cathode Diode in a TO-262 package 35V 20A Schottky Common Cathode Diode in a TO-262 package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 20A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
80CPQ150 |
150V 80A Schottky Common Cathode Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
82CNQ030SL |
30V 80A Schottky Common Cathode Diode in a D61-8 package
|
International Rectifier
|
80CPQ020 |
20V 80A Schottky Common Cathode Diode in a TO-247AC package
|
International Rectifier
|
161CNQ...SERIES 161CNQ045 161CNQ035 161CNQ 161CNQ0 |
45V 160A Schottky Common Cathode Diode in a TO-249AA Non-Isolated package 40V 160A Schottky Common Cathode Diode in a TO-249AA Non-Isolated package 35V 160A Schottky Common Cathode Diode in a TO-249AA Non-Isolated package SCHOTTKY RECTIFIER 160 Amp
|
IRF[International Rectifier]
|
30CTQ045-1 30CTQ045S 30CTQ035 30CTQ035-1 30CTQ040- |
SCHOTTKY RECTIFIER 35V 30A Schottky Common Cathode Diode in a TO-262 package 45V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
161CMQ050 161CMQ040 161CMQ045 161CMQ 161CMQ030 161 |
DIODE 160 A, 40 V, SILICON, RECTIFIER DIODE, TO-249AA, MODIFIED TO-249AA, 3 PIN, Rectifier Diode DIODE 160 A, 50 V, SILICON, RECTIFIER DIODE, TO-249AA, MODIFIED TO-249AA, 3 PIN, Rectifier Diode SCHOTTKY RECTIFIER 35V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package 40V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package 45V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package
|
Vishay Semiconductors IRF[International Rectifier]
|