PART |
Description |
Maker |
MC33171DR2 MC33174VDR2 MC33172VD MC33172DR2G MC331 |
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers(???婧??浣?????绠??澶у?) Single Supply 3V to 44V, Low Power Dual Op Amp Single Supply 3V to 44V, Low Power Quad Op Amp Single Supply 3V to 44V, Low Power Single Op Amp
|
ON Semiconductor
|
IDT723643 IDT723633 IDT723623 IDT723623L15 IDT7236 |
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 High-Slew-Rate, Single-Supply Operational Amplifier 8-PDIP -40 to 105 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-PDIP 0 to 70 的CMOS总线匹配SyncFIFOTM 256 × 3612 × 36024 × 36
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MAX2267 MAX2267EUE MAX2268EUE MAX2269EUE MAX2268 M |
2.7V / Single-Supply / Cellular-Band Linear Power Amplifiers 2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers 887 MHz - 925 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers 2.7V、单电源、蜂窝频段线性功率放大器
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
MAX976 MAX976ESA MAX976EUA MAX976-MAX998 MAX978EEE |
From old datasheet system Single/Dual/Quad SOT23 Single-Supply High-Speed Low-Power Comparators Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators Single/Dual/Quad / SOT23 / Single-Supply / High-Speed / Low-Power Comparators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1284 MAX1284BCSA MAX1284BESA MAX1284-MAX1285 MA |
Enhanced Product 1.5 Degrees C Accurate Digital Temperature Sensor W/Spi Interface 6-SOT-23 -40 to 125 400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference 400ksps/300ksps / Single-Supply / Low-Power / Serial 12-Bit ADCs with Internal Reference
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX4400 MAX4400AUK-T MAX4400AXK-T MAX4401 MAX4401A |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown 四路、低成本、单电源、满摆幅运算放大器,带有关断 Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown OP-AMP, 6500 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDSO6 Single/Dual/Quad / Low-Cost / Single-Supply / Rail-to-Rail Op Amps with Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1274BCTC-T MAX1274ACTC-T MAX1275BCTC-T MAX1275B |
1.8Msps. Single-Supply. Low-Power. True-Differential. 12-Bit ADCs 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, QCC12
|
Maxim Integrated Products, Inc.
|
M29W800AB M29W800AB120ZA5T M29W800AT80ZA5T M29W800 |
8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Low Voltage Single Supply Flash Memory Low-Power Single Buffer/Driver with 3-State Output 5-DSBGA -40 to 85 8兆x812KB的x16插槽,引导块低压单电源闪 RESISTOR: 100 OHM, 1/10W, 1%, PACKAGE 0805 81兆x812KB的x16插槽,引导块低压单电源闪 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory 8兆x812KB的x16插槽,引导块低压单电源闪 Low-Power Single Buffer/Driver with 3-State Output 5-SOT-23 -40 to 85
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|