PART |
Description |
Maker |
NIS5112-11 |
Electronic Fuse
|
ON Semiconductor
|
NIS5112_07 NIS5112 NIS5112D1R2G NIS5112D2R2G NIS51 |
Electronic Fuse
|
ONSEMI[ON Semiconductor]
|
STEF4SPUR |
Electronic fuse for 3.3V and 5V lines
|
ST Microelectronics
|
STEF05 STEF05PUR |
Electronic fuse for 5 V line
|
http:// STMicroelectronics
|
STEF4S |
Electronic fuse for 3.3 V and 5 V lines
|
List of Unclassifed Manufacturers
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
|