PART |
Description |
Maker |
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
NTE5548 NTE5541 NTE5545 |
Silicon controlled rectifier (SCR). Repetitive peak off-state & reverse voltage Vdrm,Vrrm = 400V. RMS on-state current 35A. Silicon Controlled Rectifier (SCR) 35 Amp
|
NTE[NTE Electronics]
|
2N682 2N681 2N691 |
25A silicon controlled rectifier. Vrsom 75V. 25A silicon controlled rectifier. Vrsom 35V. 25A silicon controlled rectifier. Vrsom 840V.
|
General Electric Solid State
|
X0405BE X0403ME |
SILICON CONTROLLED RECTIFIER,200V V(DRM),4A I(T),TO-202 SILICON CONTROLLED RECTIFIER,600V V(DRM),2.4A I(T),TO-202 From old datasheet system
|
ST Microelectronics
|
BT152-600 BT152 |
600V Vdrm 20A Sensitive Gate Silicon Controlled Rectifier, 1.7@40AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SEMIWELL[SemiWell Semiconductor]
|
IRKH41-12 IRKH41-14 |
Silicon Controlled Rectifier, 62.8 A, 1200 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CPA80A12AA4-12FC CPAT45A12AA4-12FC CPA250V2AA4-12F |
SILICON CONTROLLED SWITCH ADD-A-PAK 3 PHASE, 400 A, SILICON, RECTIFIER DIODE SCR 3 PHASE, 1000 A, SILICON, RECTIFIER DIODE
|
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
S2060C S2061D |
4A sensitive-gate silicon controlled rectifier. Vrsxm 400V. 4A sensitive-gate silicon controlled rectifier. Vrsxm 500V.
|
General Electric Solid State
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
|