PART |
Description |
Maker |
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AD590KRZ-RL AD590JCHIPS AD590JF AD590JH AD590JR AD |
ANALOG TEMP SENSOR-CURRENT, 298.2uA, RECTANGULAR, SURFACE MOUNT LEAD FREE, MS-012AA, SOIC-8 2-Terminal IC Temperature Transducer 2-Terminal IC Temperature Transducer
|
Analog Devices, Inc. ANALOG DEVICES INC
|
S1D-T3 S1D-T1 S1G-T3 S1A S1M-T3 S1A-T1 S1A-T3 S1B- |
MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000101 安培表面贴装玻璃钝化整流 MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 0.25 % Linearity, Item Number F38000201 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Honeywell International, Inc. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
AP50-B420L AP100-B420L AP200-B420L AP-B420L AP400- |
AC Current transducer AP-B420L 交流电流传感器美联社B420L AC Current transducer AP-B420L
|
LEM[LEM]
|
HXS20-SP2 HXS20-NP |
Current Transducer
|
LEM[LEM]
|
HY50-P |
Current Transducer HY 50-P
|
LEM
|
LT-1000-SI/SP60 |
Current Transducer
|
LEM
|
LT1000-SI |
Current Transducer
|
ETC
|
AKR-B420L AKR5B420L AKR200B420L AKR50B420L |
AC Current transducer
|
LEM[LEM]
|
AHR800B10 AHR-B10 AHR500B10 AHR2000B10 AHR1000B10 |
AC/DC Current transducer
|
LEM[LEM]
|
HAIS50-P-12 HAIS50-TP |
Current Transducer
|
LEM
|
|