PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1732 0137 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1838 |
PNP Epitaxial Planar Silicon Transistor Muting Circuit Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
RN4606 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1709 0129 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1469 2SC3746 |
PNP Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1580 2SC4104 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1507 2SD2280 |
PNP Epitaxial Planar Silicon Transistors 50V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|