PART |
Description |
Maker |
ZL50075 ZL50074GAG2 ZL50074GAC ZL50075GAC ZL50075G |
32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs 32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
|
Zarlink Semiconductor Inc
|
Q67007-A5225GEG Q67000-A5200 TDA6920X |
7 x 5 Video Matrix Switch 7-CHANNEL, AUDIO/VIDEO SWITCH, PDSO28 7 x 5 Video Matrix Switch 7-CHANNEL, AUDIO/VIDEO SWITCH, PDIP18 7 x 5 Video Matrix Switch 7 × 5视频矩阵开
|
SIEMENS AG
|
QVA11134 |
Slotted Optical Switch; Package: Slotted Switch QVA; No of Pins: 4; Container: Rail 3.18 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT
|
Fairchild Semiconductor, Corp.
|
ADG749BKSZ-REEL7 |
CMOS Low Voltage 2 O SPDT Switch in SC70 Package 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6
|
Analog Devices, Inc.
|
SY58023U SY58023UMITR SY58023UMY |
2-CHANNEL, CROSS POINT SWITCH, QCC16 ULTRA-LOW JITTER 2 × 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
|
MICREL INC Micrel Semiconductor
|
BCM8441 |
16-Port 1/2/4 Gbps Fibre Channel Fabric Switch for Storage Array Platforms 16-PORT 1GB, 2G, 4GBPS FIBRE CHANNEL FABRIC SWITCH FOR EMBEDDED APPLICATIONS
|
BOARDCOM[Broadcom Corporation.]
|
ADG619BRT-R2 |
CMOS, ±5 V/ 5 V, 4 O, Single SPDT Switch (Break-Before-Make Switching Action) 2-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8
|
Analog Devices, Inc.
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
NB4L858MFAG NB4L858MFAR2G NB4L858M |
2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 2-CHANNEL, CROSS POINT SWITCH, PQFP32 From old datasheet system
|
ONSEMI[ON Semiconductor]
|
J300B TP6451 TP5952 TP5951 TP6449 TP6450 MPF108 |
TRANSISTOR | JFET | N-CHANNEL | 15MA I(DSS) | TO-92 ; No. of Switch Positions:2; Number of Positions:2; Switch Features:Tumbler Lock With Detent Detection Switch; Contact Current Max:300mA; Circuitry:SPDT; Actuator Style:Hinge Lever; Current Rating:0.3A; Leaded Process Compatible:Yes; Mounting Rotary Keylock Switch; Key Removal Position:Center; Circuitry:SPST; Indexing:90 ; Contact Current Max:4A; Leaded Process Compatible:Yes Keylock Switch; Contact Current Max:4A; No. of Poles:2; Indexing:90 ; Switch Terminals:Solder Lug; Key Removal Position:1; Leaded Process Compatible TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 24MA I(DSS) | TO-92 晶体管|场效应| N沟道| 25V的五(巴西)直| 24mA的我(直)|92
|
东电?中国)投资有限公司
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|